PART |
Description |
Maker |
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38005S1-DXXXFP M38005S1-DXXXSP M38005S1-XXXSP M38 |
8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP64 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
|
http:// Renesas Electronics Corporation
|
H8S-2214 HD64F2214 HD6432214 |
16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
|
Renesas Electronics Corporation
|
74ALVC2245 74ALVC2245MTC 74ALVC2245WM 74ALVC2245MT |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26?Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in B Outputs BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|TSSOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|SOP|20PIN|PLASTIC Dual J-K Negative-Edge-Triggered Flip-Flops With Clear and Preset 16-PDIP -40 to 85 ALVC/VCX/A SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation 总线收发 Fairchild Semiconductor, Corp.
|
M30620M8A-XXXFP M30620M8A-XXXGP M30620MAA-XXXFP M3 |
16-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP100 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
|
Renesas Electronics Corporation
|
IDT29FCT52A IDT29FCT52AD IDT29FCT52ADB IDT29FCT52A |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 5K/REEL-13 快速CMOS八进制注册收发器 RECTIFIER FAST-RECOVERY SINGLE 3A 200V 150A-ifsm 1.2V-vf 150ns 5uA-ir DO-201AD 500/BULK FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CDFP24 FAST CMOS OCTAL REGISTERED TRANSCEIVERS FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CQCC28
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
HD404812 HD404816 |
(HD40L481x Series) 4-Bit Single-Chip Microcomputer
|
Hitachi
|
HD404918 HD404919 HD40P4919 HN27C256-20 HN27C256H- |
ROM(words): 16,386; V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
|
HITACHI[Hitachi Semiconductor]
|